Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 115 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 115 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 110Page - Semtech Corporation GS3590 Datasheet HTML 111Page - Semtech Corporation GS3590 Datasheet HTML 112Page - Semtech Corporation GS3590 Datasheet HTML 113Page - Semtech Corporation GS3590 Datasheet HTML 114Page - Semtech Corporation GS3590 Datasheet HTML 115Page - Semtech Corporation GS3590 Datasheet HTML 116Page - Semtech Corporation GS3590 Datasheet HTML 117Page - Semtech Corporation GS3590 Datasheet HTML 118Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 115 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
115 of 118
Semtech
Proprietary & Confidential
www.semtech.com
7. Package & Ordering Information
7.1 Package Dimensions
Figure 7-1: Package Dimensions
DIMENSIONS
DIM
MILLIMETERS
MIN NOM MAX
A
0.80
0.90
1.00
A1
0.00
6.00
6.05
D1
3.45
3.60
3.70
E
3.95
4.00
4.05
E1
1.43
1.58
1.68
e
0.40 BSC
L
0.30
0.40
0.50
N
40
0.08
0.10
A2
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
3. DIMENSION OF LEAD WIDTH APPLIES TO TERMINAL AND IS MEASURED BETWEEN
0.15 to 0.30mm FROM THE TERMINAL TIP.
A
B
C
SEATING
PLANE
bbb
CA B
A1
aaa C
PIN 1
INDICATOR
(LASER MARK)
A
e/2
e
D/2
1
2
N
aaa
bbb
D
E
D1
LxN
bxN
E1
0.30 x 45°
E/1
0.02
0.05
A2
(0.02)
b
0.15
0.20
0.25
D
5.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com