Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 117 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 117 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 110Page - Semtech Corporation GS3590 Datasheet HTML 111Page - Semtech Corporation GS3590 Datasheet HTML 112Page - Semtech Corporation GS3590 Datasheet HTML 113Page - Semtech Corporation GS3590 Datasheet HTML 114Page - Semtech Corporation GS3590 Datasheet HTML 115Page - Semtech Corporation GS3590 Datasheet HTML 116Page - Semtech Corporation GS3590 Datasheet HTML 117Page - Semtech Corporation GS3590 Datasheet HTML 118Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 117 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
117 of 118
Semtech
Proprietary & Confidential
www.semtech.com
7.4 Marking Diagram
Figure 7-3: Marking Diagram
7.5 Solder Reflow Profiles
Figure 7-4: Maximum Pb-free Solder Reflow Profile
7.6 Ordering Information
Table 7-2: Ordering Information
Pin 1
Indicator
GS3590
XXXXE3
YYWW
XXXX - Last 4 digits of Assembly lot
E3 - Pb-free & Green indicator
YYWW - Date Code
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
Part Number
Minimum Order
Quantity
Format
GS3590-INE3
490
Tray
GS3590-INTE3
250
Tape and Reel
GS3590-INTE3Z
2500
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com