Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 112 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 112 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 108Page - Semtech Corporation GS3590 Datasheet HTML 109Page - Semtech Corporation GS3590 Datasheet HTML 110Page - Semtech Corporation GS3590 Datasheet HTML 111Page - Semtech Corporation GS3590 Datasheet HTML 112Page - Semtech Corporation GS3590 Datasheet HTML 113Page - Semtech Corporation GS3590 Datasheet HTML 114Page - Semtech Corporation GS3590 Datasheet HTML 115Page - Semtech Corporation GS3590 Datasheet HTML 116Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
112 of 118
Semtech
Proprietary & Confidential
www.semtech.com
8C
EYE_MON_
SHAPE_
OUTPUT_0
STAT_EYE_SHAPE_
LEFT_EDGE_OFFSET
15:8
RO
0
Left Edge Voltage Offset—Offset values
0 to 255d, 0 represents most negative
voltage, 127d is 0V 255d is most positive
voltage.
STAT_EYE_SHAPE_
LEFT_EDGE_PHASE
7:0
RO
0
Left Edge Phase of eye shape scan.
Phase values 0 to 127d.
8D
EYE_MON_
SHAPE_
OUTPUT_1
STAT_EYE_SHAPE_
POS_EDGE_OFFSET
15:8
RO
0
Positive (top) Edge Voltage Offset—
Offset values 0 to 255d, 0 represents
most negative voltage, 127d is 0V 255d
is most positive voltage.
STAT_EYE_SHAPE_
POS_EDGE_PHASE
7:0
RO
0
Positive (top) Edge Phase of eye shape
scan. Phase values 0 to 127d.
8E
EYE_MON_
SHAPE_
OUTPUT_2
STAT_EYE_SHAPE_
RIGHT_EDGE_OFFSET
15:8
RO
0
Right Edge Voltage Offset—Offset
values 0 to 255d, 0 represents most
negative voltage, 127d is 0V 255d is
most positive voltage.
STAT_EYE_SHAPE_
RIGHT_EDGE_PHASE
7:0
RO
0
Right Edge Phase of eye shape scan.
Phase values 0 to 127d.
8F
EYE_MON_
SHAPE_
OUTPUT_3
STAT_EYE_SHAPE_
NEG_EDGE_OFFSET
15:8
RO
0
Negative (bottom) Edge Voltage
Offset—Offset values 0 to 255d, 0
represents most negative voltage, 127d
is 0V 255d is most positive voltage.
STAT_EYE_SHAPE_
NEG_EDGE_PHASE
7:0
RO
0
Negative (bottom) Edge Phase of eye
shape scan. Phase values 0 to 127d.
Table 5-4: Status Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com