Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 114 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 114 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 110Page - Semtech Corporation GS3590 Datasheet HTML 111Page - Semtech Corporation GS3590 Datasheet HTML 112Page - Semtech Corporation GS3590 Datasheet HTML 113Page - Semtech Corporation GS3590 Datasheet HTML 114Page - Semtech Corporation GS3590 Datasheet HTML 115Page - Semtech Corporation GS3590 Datasheet HTML 116Page - Semtech Corporation GS3590 Datasheet HTML 117Page - Semtech Corporation GS3590 Datasheet HTML 118Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 114 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
114 of 118
Semtech
Proprietary & Confidential
www.semtech.com
6. Application Information
6.1 Typical Application Circuit
Figure 6-1: Typical Application Circuit
Note 1: 4.7μF AC-coupling capacitors are required on DDO/DDO when the downstream
IC has an input common mode range that is incompatible with the output common
mode range of the GS3590.
Note 2: Pin 2 must be connected to pin 30 through a 4.7μF capacitor and a carefully
designed transmission line for Cable Equalizer mode to be functional.
Note 3: It is recommended that separate filtered supplies are used for the following
three groups: (VCC_DDI, VCC_CORE), (VCCO1P8_0, VCCO1P8_1, VDD, VCCO_1*), (VCCO_0).
*Assuming Vcco supply is chosen as 1.8V.
Multiple devices can share the same filtered supply plane.
IN
IN
OUT
OUT
2Ω
VCC_DDI
LOOP_IN
SDI_TERM
VCCO_1
VEEO
VCCO_0
SDO
SDIO
VEE_DDI
VEE_DDI
VEEO
GS3590
VCCD1V8
100nF
VCC1V8
100nF
VCCSDIO2V5
100nF
VCC1V8
100nF
10μF
VCC1V8
10μF
470nF
4.7μF
4.7μF
VCC1V8
100nF
C4
1μF
9
20
14
10
11
12
13
15
16
17
18
19
DDO
28
21
24
22
23
25
26
27
35
40
29
30
31
32
33
34
36
37
38
39
TERM
DDI
DDI
1
8
5
2
3
4
6
7
DDO
C1
C2
C3
C5
C6
C11
C12
C14
C13
C8
VCCDDO1V8
100nF
C7
4.7μF
C10
IO
4.7μF
C9
75Ω
Note: The device central paddle is not an electrical
connection. Refrain from connecting device pins to
the central paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com