Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
CPU
PRELIMINARY V1.8
5
Figure 2.
SS1102C Pinout
5.
CPU
• High performance CMOS 8-bit CPU with the industry standard 80C51 instruction
set.
• Extensive boolean processing (single bit logic) capabilities
• Arithmetic: 8 bit including multiply and divide
• Jumps, 8/16 bit address, conditional and unconditional
• Logical separation of program and data memory
• Six addressing modes
• Maximum operating speed 24MHz.
6.
Memory organization
6.1.
Data memory
The SS1102C has separate address space for Program Memory and Data Memory.
The SS1102C has 512 bytes of onchip data space, 256 bytes must be accessed by
MOVX.
P0.2
P0.1
P0.0
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
NRESET
XSIN
XSOUT
XFIN
XFOUT
VDD
AVDD
AVSS
BXFOUT
P4.0/RFPWR
P4.1/PLLSW
P4.2/LOCK
P4.3
TST
1
2
13
14 15
25
26
27
28
38
39
40
41
12
51
52
5
6
19
20
18
32
7
33
34
44
45
46
Index Corner
52-PIN PQFP
P4.4
SS1102C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com