Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 15Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 16Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 17Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 18Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 19Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 20Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 21Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 129 page
background image
Time Base Timer
PRELIMINARY V1.8
13
8.3.
TB-Timer Counter Register (TBCNT)
TABLE 6.
Definition of TBCNT
TABLE 7.
Description of TBCNT
Address
B2H
Bit Addr.
None
BIT
7
6
5
4
3
2
1
0
NAME
TBCNT[7:0]
Definition
TB-timer CouNTer register bit 7 to 0
(Modulo N Up-counter: 00 to N-1, N is the content of TBDAT)
Reset
Value
0
0
0
0
0
0
0
0
Read/
Write by
Software
R
R
R
R
R
R
R
R
Write by
Hardware
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Written
with a new
count
value
0 or 1.
0 by
TBCLR.
Name
Bit
Description
TBCNT[7:0]
7 to 0
TB-timer CouNTer bits
A Modulo-N (00 to N-1) up-counter. N is the content of TBDAT.
This counter counts up from 00H to N-1. Then, the counter will go back to 00H and the com-
parator will generate a match signal. The counter will not stop after the Match. Thus, the TB-
Timer will generate continuous Match signals with a fixed period. The TB-Timer is an auto-
reload timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com