Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 80Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 81Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 82Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 83Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 84Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 85Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 86Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 87Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
Port Definitions
PRELIMINARY V1.8
79
TABLE 53.
Definition of P1NOPN
14.9.
P3 (Port-3)
The Pin-3.0 to 3.7 have two functional modes, Special output Mode (MODOUT,
TXEN) and Port Mode (Bi-directional Port Mode). Initial Status of PCR3 (Port Control
Register Bit-3) is 0 (low). The PCR3 must be set to high for any case. The direction of
Port-3 can be decided bit-by-bit. The read policy in Port Mode follows that described
before. Read-Modify-Write instructions read the port latch than the pin.
To use Pin-3.0 to 3.7 as a normal input port, PCR3 should be high. If PCR3 is high, the
direction of each Port-3 pin is decided by each P3IO bit. If the P3IO bit-x is high, Port-
3.x is output mode. If low, Port-3.x is input mode. Initial status is input mode because
P3IO (Port-3 I/O Direction Register) is reset to 00000000B. In input mode, pull-up
resistor can be connected by P3RD (Port-3 Resistor Disable Register). If the P3RD bit-x
is high, Port-3.x pull-up resistor is disconnected. If low, Port-3.x pull-up resistor is
connected. Initial status of P3RD is 00000000B, thus pull-up resistor is connected. If
ZCR3 (High-Z Control Register Bit-3) is high, High-Z control is enabled. At this time,
if HIZ bit in the PSCR (Power Saving Control Register) becomes high, pull-up resistor
is disconnected and pin status becomes high impedance. In input mode, P3.0/CPTRU2,
P3.1/CPTRU1, P3.2/CPTRD1, P3.5DI, P3.6/IRQ1, and P3.7/IRQ2 can be used special
input pins.
To use Pin-3.0 to 3.7 as a normal output port, PCR3 should be high. If the P3IO bit-x is
high, Port-3.x is output mode. In output mode, pull-up resistor is not automatically
disconnected regardless P3RD bit-x. If ZCR3 (High-Z Control Register Bit-3) is high,
High-Z control is enabled. At this time, if HIZ bit in the PSCR (Power Saving Control
Register) becomes high, pin status becomes high impedance.
Bit Addr.
None
BIT
7
6
5
4
3
2
1
0
NAME
P1NOPN7 P1NOPN6 P1NOPN5 P1NOPN4 P1NOPN3 P1NOPN2 P1NOPN1 P1NOPN0
Definition
Port-1
Output
Buffer
bit-7
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-6
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-5
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-4
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-3
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-2
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-1
0: CMOS
Push_Pull
1: N-ch
open drain
Port-1
Output
Buffer
bit-0
0: CMOS
Push_Pull
1: N-ch
open drain
Reset Value
0
0
0
0
0
0
0
0
Read/Write
by Software
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Write
by Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com