Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 58Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 59Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 60Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 61Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 62Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 63Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 64Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 65Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
PRELIMINARY V1.8
57
12.20. Generating the PN and UW sequences
There are many ways of generating the PN and UW sequences, including brute force
search of the complete code space. A more efficient but probably not optimal way of
generating the PN and UW sequences is to
1.
Generate the M and Gold sequences of order N where
(EQ 9)
and where L is the length of the PN or UW sequence.
2.
Because M and Gold sequences are only
bits long, it is necessary to append
an additional bit to these sequences so that they are 2N bits long. The additional bit
should be chosen such that the modified M or Gold sequence is even.
3.
Apply the criteria outlined in the previous sections to pick out the good set of PN
and UW sequences.
NL
2
log
=
2
N
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com