Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 52Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 53Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 54Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 55Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 56Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 57Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 58Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 59Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
PRELIMINARY V1.8
51
TABLE 30.
Control Registers
12.14. Configuration Information Bits
The configuration information bits are used to set the various programmable parameters
in the SSTM:
CI_l[0]
Should be set to LO.
CI_l[3:2]
PLSL. Sets the width of the ESD window. CI_l[2] is LSB, CI_l[3] is
MSB. See Application Section.
CI_l[4]
CNTLR. Sets the width of the “Central Region”. (NOTE: CNTLR size
must be
PLSL size).See Application Section.
PND1
CF
1
[7:0]
WR/
RD
PND[15:8]
PND2
DF
1
[7:0]
WR/
RD
PND[23:16]
PND3
EF
1
[7:0]
WR/
RD
PND[31:24]
PLSL
Width of ESD window
0
8 samples wide
110 samples wide
212 samples wide
314 samples wide
CNTLR
Width of Central Region
010 samples wide
112 samples wide
Name
Addr
ess
Bank
Select
CI_l[1]
Inde
x
Write/
Read
Functions
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com