Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 21Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 22Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 23Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 24Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 25Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 26Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 27Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 28Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 129 page
background image
Capture Timers 1/2
20
PRELIMINARY V1.8
TABLE 11.
The Description of CT1CR/CT2CR
Name
Bit
Description (Note: n = 1 or 2)
CT1EN
CT2EN
7
C-Timer ENable bit
[Bit Status: 0 (Initial Value)]
A selected input clock is halted. The CTnCNTH & CTnCNTL keeps counting
value.
[Bit Status: 1]
A selected input clock is run. The CTnCNTH & CTnCNTL counts up the negative
edge of the selected clock.
CT1CNTLR
CT2CNTLR
6
CTn counter CLeaR bit
If this bit is written with high, the CTnCNTH & CTnCNTL (16-bit up-counter) of
the C-Timer will be cleared to 0000H. Writing low will not affect anything. When
read, a low(0) will be always read.
CT1FS[5:3]
CT2FS[5:3]
5 to 3
C-Timer input clock Frequency Select bits
[Bit Status: 000 (Initial Value)] Fsys/12
[Bit Status: 001] Ffast/2
4
[Bit Status: 010] Ffast/2
5
[Bit Status: 011] Ffast/2
7
[Bit Status: 100] Ffast/2
10
[Bit Status: 101] Ffast/2
14
[Bit Status: 110] Ffast/2
18
[Bit Status: 111] CPTRU1 or CPTRU2
To use the CPTRU1 or CPTRU2 pin as an Event Input or Up Down-Count Input,
the pin should be assigned to input mode by a port control register.
CT1MD[2:0]
CT2MD[2:0]
2 to 0
C-Timer MoDe select bits
[Bit Status: 000 (Initial Value)]
Auto-Reload Mode
[Bit Status: 001]
Positive Edge Detect Capture Mode
[Bit Status: 010]
Negative Edge Detect Capture Mode
[Bit Status: 011]
Any Edge (Positive or Negative) Detect Capture Mode
[Bit Status: 1XX] (Capture-Timer1 only)
Up Down-Count Mode
CT2MD[2] of C-Timer2 is unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com