Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 89Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 90Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 91Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 92Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 93Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 94Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 95Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 96Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 129 page
background image
External Interrupts
88
PRELIMINARY V1.8
When an interrupt is generated, the interrupt request flag that generated it should be
cleared by software when the service routine is vectored. All of the interrupt request
flags can be set or cleared by software, with the same result as though it had been set or
cleared by hardware. That is, interrupt can be generated or pending interrupts can be
canceled in software. Each of these interrupt sources can be individually enabled or
disabled by setting or clearing a bit in Special Function Registers ISE0 to ISE2. And,
each of interrupt group can be enabled or disabled by setting or clearing a bit in Special
Function Register IE. The bit EA in IE contains also a global disable bit (0: disable, 1:
Enable), which disables all interrupts at once.
Figure 29.
Block Diagram of Interrupt Group-A
IRQ1F
EIRQ1F
Pin IRQ1
AND
IRQ2F
EIRQ2F
Pin IRQ2
AND
OR
GA
Event
Event
(Interrupt Group-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com