Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 15Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 16Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 17Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 18Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 19Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 20Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 129 page
background image
Time Base Timer
12
PRELIMINARY V1.8
TABLE 4.
Definition of TBCR
TABLE 5.
Description of TBCR
Read/
Write by
Software
R/W
R/W
Always 0
read.
R/W
R/W
R/W
R/W
R/W
R
Write by
Hardware
Name
Bit
Description
TBEN
7
TB timer ENable bit
[Bit Status: 0 (Initial Value)]
A selected input clock is halted. The TBCNT keeps the counter value.
[Bit Status: 1]
A selected input clock runs. The TBCNT counts up the negative edge of the selected clock.
TBCLR
6
TB counter CLeaR bit
If this bit is written with high, the TBCNT (8-bit up-counter) of the TB Timer will be cleared to
00H. Writing low will not affect anything. When read, a low(0) will be always read.
TBFS[5:3]
5 to 3
TB timer input clock Frequency Select bits
[Bit Status: 000 (Initial Value)] F1SEC
[Bit Status: 001] F1MIN
[Bit Status: 010] F1HOUR
[Bit Status: 011] F125mS
[Bit Status: 100] Fsys/12
[Bit Status: 101] Ffast/2
4
[Bit Status: 110] Ffast/2
7
[Bit Status: 111] Ffast/2
10
HTST
2
Hour clock Test bit
[Bit Status: 0 (Initial Value)]
Normal hour clock signal is used for F1hour.
[Bit Status: 1]
A test mode using XSout (32.768KHz) for F1hour.
Note: The bit can only be set either under FastAll or FastPeri modes.
User should write a 0 to this bit.
MTST
1
Minute clock Test bit
[Bit Status: 0 (Initial Value)]
Normal minute clock signal is used for F1min.
[Bit Status: 1]
A test mode using the XSout (32.768KHz) for F1min .
Note: The bit can only be set either under FastAll or FastPeri modes.
User should write a 0 to this bit.
TBINT
0
Reserved bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com