Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 53Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 54Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 55Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 56Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 57Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 58Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 59Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 60Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
52
PRELIMINARY V1.8
CI_l[5]
ACC1RES. DPLL Accumulator 1 reset. See Application Section.
CI_l[7:6]
WSL. Sets the width of the “Detection Window”. CI_l[6] is LSB,
CI_l[7] is MSB. See Application Section.
CI_h[0]
M/SB. Set the SSTM to be a Master (HI) or Slave (LO). Note: must
be set to LO in half-duplex data mode.
CI_h[3:1]
T. Number of errors allowed in the UW. CI_h[1]is LSB, CI_h[3] is
MSB.
CI_h[4]
LockSMon. Enables the Locking State Machine when set to HI (see
Figure 14. for Locking State Machine state diagram).
12.15. RF/IF Analog Interface
The SSTM interfaces with the RF/IF analog radio through the following pins: DI,
MODOUT, PLLSW, and RFPWR.
ACC1RE
S
Accumulator1 Reset
0
ACC1 NOT reset.
1
Reset ACC1.
WSL
Width of Detection Window
0
4 samples wide
1
6 samples wide
2
8 samples wide
310 samples wide
T
Allowable UW Errors
00 bit
11 bit
2
2 bits
3
3 bits
4-7
4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com