Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 47Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 48Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 49Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 50Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 51Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 52Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 53Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 54Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
46
PRELIMINARY V1.8
Figure 17.
Typical Communication Link Start-Up
The timing relationships between RTS_N and data exchange remain unchanged from
those of the full-duplex operation. RTS_N designates the direction of transmission. The
transmission is directed from a chip with RTS_N enabled to a chip with RTS_N
disabled. To change the direction of transmission the value of RTS_N should be
reversed. Note that, in the half-duplex mode, when RTS_N changes value the SSTM
resets itself. The transmitter stops transmission as soon as RTS_N is disabled. It is up to
the user to include and detect end-of-packet information so that invalid data is not
erroneously perceived as valid data. Finally, note that there is no provision for CSMA/
CD type avoidance in the hardware, it is up to the user or the modem system to
implement any desired collision avoidance schemes either in hardware and/or software.
A typical timing diagram for half-duplex operation is shown in Figure 18.
Acquisition
Burst
Acquisition
Burst
Empty
Burst
Master
Slave
Data
Burst
Empty
Burst
Data
Burst
Data
Burst
RLOCK
LOCKED
UWDET_N
Transmit
Receive
RLOCK
LOCKED
UWDET_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com