Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 55Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 56Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 57Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 58Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 59Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 60Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 61Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 62Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
54
PRELIMINARY V1.8
Figure 20.
PLLSW Timing (Full-Duplex Mode)
12.16. Programming the SSTM
In the following, a brief discussion on programming the SSTM for the various modes of
operation is presented. First, the loading of the PN sequences A, B, C, and D is required
for operation in all modes.
The programming of the PLSL, CNTLR, ACC1RES, and WSL depend on several
environmental and system related factors. For example, the sizing of PLSL and CNTLR
windows involves trade-off considerations in the PLL’s dynamic performance. In
general, if smaller window size is used, the PLL will behave as if it has a smaller loop
bandwidth with higher noise filtering but at the expense of slower dynamic response. If
larger window size is used, the PLL will respond quicker dynamically but its
performance will be degraded because more noise is allowed to enter the system. Please
note that the width of the Central Zone must be smaller than or equal to the size of the
ESD window (this means that the ESD window size should NOT be set to 8, it was
included on the chip for testing purpose only).
Similarly, the width of the detection window, WSL, should be large enough to take
advantage of multipath combining but should not be so large that excessive noise is
allowed into the receiver causing receiver sensitivity degradation. In general, these
parameters can be experimentally optimized for a particular environment. Otherwise, it
is recommended that these parameters be programmed to values in the middle of the
programmable range (for example, set PLSL to 12 samples wide, CNTLR to 10 samples
wide, and WSL to 8 samples wide).
In the full-duplex or TDD mode, ACC1RES should normally be set to “0” for no ACC1
reset during each “freeze PLL” period. The only instance where ACC1RES should be
set “1” to reset ACC1 is if the frequency offset between the transmitter and receiver is
known to be very small. In this case, the performance of the PLL will be slightly
enhanced if ACC1 is reset during each “freeze PLL” period. In half-duplex operation.
ACC1RES should be set to “1” to always reset ACC1.
G2
Tburst_clk
TXEN
PLLSW
Receive
Transmit
Receive
Not drawn to scale.
Note: G2=28xTburst_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com