Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 16Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 17Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 18Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 19Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 20Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 21Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 22Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 23Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 129 page
background image
Capture Timers 1/2
PRELIMINARY V1.8
15
9.
Capture Timers 1/2
9.1.
Overview
There are two 16-bit Capture Timer in the MCU, C-Timer1 and C-Timer2. Capture-
Timer1 (or C-Timer1) can be used as an Auto-Reload Timer, an Event Counter, an Up
Down-Counter or a Capture Timer. Capture-Timer2 (or C-Timer2) can be used as an
Auto-Reload Timer, an Event Counter or a Capture Timer. A C-Timer is composed of a
input frequency select MUX, a 16-bit up down-counter(16-bit up-counter for C-
Timer2), a Comparator, a 16-bit data register(CT1DATH-CT1DATL, CT2DATH-
CT2DATL), an Edge Detector for Capture, and a control register(CT1CR, CT2CR).
C-Timer1 can operate in three different modes. They are Auto-Reload Mode, Up Down-
Count Mode and Capture Mode. All of these modes can be selected by the CT1MD[2:0]
bits in the CT1CR. On the other hand, C-Timer2 can only operate in two different
modes. They are Auto-Reload Mode and Capture Mode. All of these modes can be
selected by the CT2MD[1:0] bits in the CT2CR.
In Auto-Reload Mode, the C-Timer can be used as an Auto-Reload Timer and an Auto-
Reload Event Counter. In Up Down-Count Mode, C-Timer1 can be used as an Up
Down-Counter. In Capture mode, the C-Timer can be used as a Capture Timer.
Figure 6.
Capture Timer in Auto-Reload Mode
Fsys/12
Ffast/24
Ffast/25
Ffast/27
Ffast/210
Ffast/214
Ffast/218
IRQ
MUX
CTCNTH:CTCNTL
16-bit up-counter
Comparator
CTDATH:CTDATL
CTint
ena
clear
CTEN
CTCNTL CTFS
CTMD
[7]
[6]
[5:3]
[1:0]
8-bit data bus
or
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com