Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 45Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 46Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 47Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 48Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 49Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 50Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 51Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 52Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
44
PRELIMINARY V1.8
time for receiving RXshh bytes from the channel should be more than the time required
by the MCU to read the data from the RX FIFO.
12.10. Half-duplex Operation
The half-duplex data mode is suitable for applications such as wireless LAN or pocket
radio. The SSTM does not make any assumption about the higher level protocol and
relies on these higher level protocols to provide the necessary framing, error correction,
and preamble. The SSTM will transmit and deliver the data stream without multiplexing
any protocol overhead bits, as it is the case for the full-duplex operation. Having the
serial data stream from the channel and 8-bit wide parallel bus interface to the CPU, the
data bytes should be aligned starting from the first bit of data. this alignment is
supported by the SSTM hardware. The data alignment is achieved in the half duplex
mode by the inserting the UW into the data stream as follows:
1. On the transmit side a 24 bits UW (22 bits of the UW and 2 bits “don't care”) should
be inserted in front of the first data bit by the software. The 2 bits “don’t care” are the
two MSBs of Byte0. The UW should not be loaded into the 3 UW registers of SS1105.
2. On the receive side the same 3 bytes of the UW should be loaded into the 3 UW
registers of the SS1105.
3. A receiver recognizes the UW by SS1105 hardware and loads the data into the
receive FIFO. The interrupt from the receive FIFO will be generated only after the UW
was received properly. The data will be aligned in the receive FIFO by bytes.
4. The UW should be reloaded in the receiver each time the direction of transmission is
changed (it should be done anyway because the chip will reset when the RTS_N value is
changed). Thus if a transmitter became a receiver, the UW should be loaded into the
register.
5. All required preamble bits should be sent anyway (at least 70 of them). The “Lock”
UW is not received. It means that the “Lock” signal and “Lock” bit can be generated
before the interrupt from the RXFIFO.
6. The UW should be inserted into the data stream as follows:
Transmit side: (Byte2 MSB first) (Byte1 MSB first) (Byte0 MSB first) (Preamble
bits) ->
The transmit data and preamble should be loaded into the TX fifo in the following
order:
Preamble N byte
Byte0
Byte1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com