Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 19Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 20Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 21Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 22Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 23Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 24Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 25Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 26Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 129 page
background image
Capture Timers 1/2
18
PRELIMINARY V1.8
During up-counting, the content of 16-bit counter (CT1CNTH & CT1CNTL or
CT2CNTH & CT2CNTL) will be capture into the 16-bit latch (CT1DATH &
CT1DATL or CT2DATH & CT2DATL) when an event of CPTRU1 (or CPTRU2) is
detected. One of three event (positive edge, negative edge, or any edge) can be selected
by the CT1MD[1:0] bits (or CT2MD[1:0]) in the CT1CR (or CT2CR). To use this
feature, the CPTRU1 pin (or CPTRU2 pin) should be assigned an input port by the port
control register. Using the Capture Mode, external clock period or pulse width (high
width or low width) can be measured.
Note: While in Capture mode, the CTDATH and CTDATL are still writable by S/W.
Figure 8.
Capture Timer in Capture Mode
9.5.
Capture Timer Control Registers (CT1CR/CT2CR)
Address
D1H/E1H
Bit Addr.
BIT
7
6
5
4
3
2
1
0
Fsys/12
Ffast/24
Ffast/25
Ffast/27
Ffast/210
Ffast/214
Ffast/218
CPTRU
MUX
CTCNTH:CTCNTL
16-bit up-counter
CTDATH:CTDATL
end
clear
CTEN
CTCNTLRCTFS
[7]
[6]
[5:3]
[2:0]
8-bit data bus
Edge Detector
pos/neg/both
CPTRU
ena
Catch
CT1OVUN CT1OV CT1UN
[7]
[6]
[5]
overflow
CT1SR
CTint
CT1CR
CTMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com