Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 15Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 16Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 17Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 129 page
background image
Special function registers
PRELIMINARY V1.8
9
.
TABLE 3.
Register bank select bits
7.4.
Accumulator (ACC)
This register provides one of the operands for most ALU operations. In the instruction
table it is denoted as “A”.
On reset this register returns 00 hex.
7.5.
B Register (B)
This register provides the second operand for multiply or divide instructions. Otherwise
it may be used as a scratch pad register.
On reset this register returns 00 hex.
7.6.
Memory Size Register (MSIZ)
The purpose of this register is to define the amount of available internal program
memory. The amount available is:
(MSIZ + 1)
× 256.
On reset this register returns 3F hex or 16K of internal program memory.
• 16K byte internal ROM
• A total of 512 bytes of on-chip data RAM:
•
256 bytes standard RAM
•
256 bytes of additional on-chip data memory accessible by the MOVX com-
mand (XRAM).
7.7.
Interrupts
- Two external interrupt input pins (IRQ1, IRQ2)
RS1
RS0
Register Bank Select
0
0
RB0. Registers from 00 - 07 hex.
0
1
RB1. Registers from 08 - 0F hex.
1
0
RB2. Registers from 10 - 17 hex.
1
1
RB3. Registers from 18 - 1F hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com