63 / 129 page

Power-Saving Modes
58
PRELIMINARY V1.8
13. Power-Saving Modes
13.1.
Overview
The MCU (Micro-Controller Unit) provides two kinds of methods to save power
consumption. The first method is to stop clock operations partially or wholly. The result
is to reduce switching current of CMOS. The other is to make pin status High-Z
(impedance). This feature will remove static current through resistors on board. Two
methods (clock control scheme and pin control scheme) can be combined together. The
Power-Saving Modes are controlled by the PSCR (Power-Saving Control Register) that
is an SFR (Special Function Register) mapped on memory address map. Any kind of
instruction, whose destination is the PSCR, can change the PSCR content. Thus, the
transitions of modes among normal and Power-Saving modes can be controlled by
software. In some cases, when CPU stops, hardware signals such like interrupts, an
IRQ1 Pin Event, and reset make the device change modes.
Figure 21.
Power Saving Modes & Transitions
Stabili-
zation
RESET
FastAll
!sstp:!fstp:!istp
SlowAll
!sstp:fstp:!istp
StopAll
sstp:fstp:!istp
FastPeri
!sstp:!fstp:istp
SlowPeri
!sstp:fstp:istp
S/W
Interrupt
S/W
Interrupt
S/W
S/W
S/W
S/W
IRQ1
Event