Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 61Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 62Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 63Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 64Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 65Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 66Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 67Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 68Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
Power-Saving Modes
60
PRELIMINARY V1.8
TABLE 32.
Clocking Power-Saving Mode Definition and PSCR
13.3.
FastAll mode (a Clocking Mode)
This is a normal operation mode. All of MCU may operate normally. Both Fast (up to
24MHz) and Slow (32.768KHz) oscillators generate clock signals. The Fast Clock is
used as a System Clock to control the CPU and Peripherals.
In the FastAll mode, the content of the PSCR is xxxxx000B (x: don’t care, B:binary).
After Reset from any mode, the MCU goes into the FastAll mode.
The next available Clocking Modes are the SlowAll mode(PSCR[2:0] = 010B), FastPeri
mode(PSCR[2:0] = 001B), and StopAll mode(PSCR[2:0] = 110B). All three mode
transitions from FastAll mode are performed by software.
13.4.
SlowAll mode (a Clocking Mode)
This is a slow operation mode. All of MCU may operate with low speed(32.768KHz).
Fast clock generator is halted. Slow (32.768KHz) oscillators generate clock signals. The
Slow Clock is used as a System Clock to control the CPU and Peripherals.
In the SlowAll mode, the content of the PSCR is xxxxx010B (x: don’t care, B:binary).
After Reset from this mode, the MCU goes into the FastAll mode.
Next available Clocking Modes are the FastAll mode, StopAll mode, and SlowPeri
mode. All three mode transitions from SlowAll mode are performed by software.
13.5.
StopAll mode (a Clocking Mode)
This is a perfect stop mode. All of MCU stop to operate. Both Fast and Slow clock
generators are halted.
In the StopAll mode, the content of the PSCR is xxxxx110B (x: don’t care, B:binary).
After Reset from this mode the MCU goes into the FastAll mode. In this transition case,
most SFR data will be initialized. By an External Event signal(IRQ1), the MCU goes
into FastAll mode. In this transition case, all SFR and RAM data will be retained.
PSCR bit
bit-4
Bit Name
HIZ
NorPin mode
0
HIZ mode
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com