Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 84Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 85Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 86Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 87Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 88Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 89Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 90Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 91Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 129 page
background image
Port Definitions
PRELIMINARY V1.8
83
TABLE 57.
Definition of P3NOPN
14.10. Port-4
During External Memory Mode, P4.2 to P4.3 are used as ALE, and PSEN.
When External Memory Mode = 0, the Port-4(P4) is a 8-bit bidirectional port that can
be used as special output pins (P4.0/RFPWR, P4.1/PLLSW, P4.2/LOCK).
The direction of Port-4 can be decided bit-by-bit. If P4LATIN(PCR bit-5) = 0, CPU
reads pin status. If P4LATIN(PCR bit-5) = 1, CPU reads port latch rather than pin.
To use Pin-4.x as a normal input port, P4IOx should be low. The direction of each Port-
4 pin is decided by each P4IO bit. If the P4IO bit-x is high, Port-4.x is output mode. If
low, Port-4.x is input mode. Initial status is input mode because P4IO (Port-4 I/O
Direction Register) is reset to 00000000B. In input mode, pull-up resistor can be
connected by P4RD (Port-4 Resistor Disable Register). If the P4RD bit-x is high, Port-
4.x pull-up resistor is disconnected. If low, Port-4.x pull-up resistor is connected. Initial
status of P4RD is 00000000B, thus pull-up resistor is connected. If HIZ bit in the PSCR
(Power Saving Control Register) becomes high, pull-up resistor is disconnected and pin
status becomes high impedance.
To use Pin-4.x as a normal output port, P4IOx should be high. If the P4IO bit-x is high,
Port-4.x is output mode. In output mode, pull-up resistor is not automatically
disconnected regardless P4RD bit-x. If HIZ bit in the PSCR (Power Saving Control
Register) becomes high, pin status becomes high impedance.
To use P4.0/RFPWR, P4.1/PLLSW, P4.2/LOCK as a special output port the output
should be enabled in register SSTMCR of the SSTM block.
When P4NOPNx = 0, Port-4.x output buffer will be CMOS Push-Pull. But, P4NOPNx
= 1, Port4.x output buffer will become N-channel Open Drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com