Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 77Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 78Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 79Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 80Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 81Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 82Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 83Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 84Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 129 page
background image
Port Definitions
76
PRELIMINARY V1.8
TABLE 48.
Definition of P2RD
TABLE 49.
Definition of P2NOPN
14.8.
P1 (Port-1)
The Pin-1.4 to 1.7 has two functional modes, special output Mode (SPIO, SPICLK) and
Port Mode (Bi-directional Port Mode). Initial Status of PCR1 (Port Control Register
Bit-1) is 0 (low). The PCR1 must be set to high for any case. In Port Mode, the direction
of Port-1 can be decided bit-by-bit. The read policy in Port Mode follows that described
before. Read-Modify-Write instructions read the port latch than the pin.
To use Pin-1.0 to 1.7 as a normal input port, PCR1 should be high. If PCR1 is high, the
direction of each Port-1 pin is decided by each P1IO bit. If the P1IO bit-x is high, Port-
1.x is output mode. If low, Port-1.x is input mode. Initial status is input mode because
P1IO (Port-1 I/O Direction Register) is reset to 00000000B. In input mode, pull-up
resistor can be connected by P1RD (Port-1 Resistor Disable Register). If the P1RD bit-x
Reset Value
0
0
0
0
0
0
0
0
Read/Write
by Software
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Write
by Hardware
Address
C9H
Bit Addr.
None
BIT
7
6
5
4
3
2
1
0
NAME
P2NOPN7 P2NOPN6 P2NOPN5 P2NOPN4 P2NOPN3 P2NOPN2 P2NOPN1 P2NOPN0
Definition
Port-2
Output
Buffer
bit-7
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-6
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-5
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-4
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-3
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-2
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-1
0: CMOS
Push_Pull
1: N-ch
open drain
Port-2
Output
Buffer
bit-0
0: CMOS
Push_Pull
1: N-ch
open drain
Reset Value
0
0
0
0
0
0
0
0
Read/Write
by Software
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Write
by Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com