| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 319 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 319 Page - Texas Instruments |
|
319 / 389 page ![]() Instruction Set Comparison Table A-23 TMS320C1x/C2x/C20x/C5x Instruction Set Comparison Syntax Description 5x 2xx 2x 1x MAC pma, dma MAC pma, {ind} [, next ARP] √ √ √ √ √ √ Multiply and Accumulate Multiply a data-memory value by a program-memory value and add the previous product (shifted as specified by the PM status bits) to the accumulator. MACD dma, pma MACD pma, {ind} [, next ARP] √ √ √ √ √ √ Multiply and Accumulate With Data Move Multiply a data-memory value by a program-memory value and add the previous product (shifted as specified by the PM status bits) to the accumulator. If the data-memory address is in on-chip RAM block B0, B1, or B2, copy the contents of the address to the next higher address. MADD dma MADD { ind} [, next ARP] √ √ Multiply and Accumulate With Data Move and Dynamic Addressing Multiply a data-memory value by a program-memory value and add the previous product (shifted as defined by the PM status bits) into the accumulator. The program-memory address is contained in the BMAR; this allows for dynamic addressing of coefficient tables. MADD functions the same as MADS, with the addition of data move for on-chip RAM blocks. MADS dma MADS { ind} [, next ARP] √ √ Multiply and Accumulate With Dynamic Addressing Multiply a data-memory value by a program-memory value and add the previous product (shifted as defined by the PM status bits) into the accumulator. The program-memory address is contained in the BMAR; this allows for dynamic addressing of coefficient tables. MAR dma MAR { ind} [, next ARP] √ √ √ √ √ √ √ √ Modify Auxiliary Register Modify the current AR or ARP as specified. MAR acts as NOP in indirect addressing mode. MPY dma MPY { ind} [, next ARP] MPY # k MPY # lk √ √ √ √ √ √ √ √ √ √ √ √ Multiply TMS320C1x and TMS320C2x devices: Multiply the contents of the T register by the contents of the addressed data-memory location; place the result in the P register. TMS320C20x and TMS320C5x devices: Multiply the contents of the T register (TMS320C20x) or TREG0 (TMS320C5x) by the contents of the addressed data-memory location or a 13-bit or 16-bit immediate value; place the result in the P register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |