Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 320 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 320 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 316Page - Texas Instruments TMS320F Datasheet HTML 317Page - Texas Instruments TMS320F Datasheet HTML 318Page - Texas Instruments TMS320F Datasheet HTML 319Page - Texas Instruments TMS320F Datasheet HTML 320Page - Texas Instruments TMS320F Datasheet HTML 321Page - Texas Instruments TMS320F Datasheet HTML 322Page - Texas Instruments TMS320F Datasheet HTML 323Page - Texas Instruments TMS320F Datasheet HTML 324Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 389 page
background image
Instruction Set Comparison Table
A-24
Syntax
Description
5x
2xx
2x
1x
MPYA
dma
MPYA {
ind} [, next ARP]
√
√
√
√
√
√
Multiply and Accumulate Previous Product
Multiply the contents of the T register (TMS320C2x/
2xx) or TREG0 (TMS320C5x) by the contents of the
addressed data-memory location; place the result in
the P register. Add the previous product (shifted as
specified by the PM status bits) to the accumulator.
MPYK
13-bit constant
√
√
√
√
Multiply Immediate
Multiply the contents of the T register (TMS320C2x/
2xx) or TREG0 (TMS320C5x) by a signed 13-bit
constant; place the result in the P register.
MPYS
dma
MPYS {
ind} [, next ARP]
√
√
√
√
√
√
Multiply and Subtract Previous Product
Multiply the contents of the T register (TMS320C2x/
2xx) or TREG0 (TMS320C5x) by the contents of the
addressed data-memory location; place the result in
the P register. Subtract the previous product (shifted
as specified by the PM status bits) from the
accumulator.
MPYU
dma
MPYU {
ind} [, next ARP]
√
√
√
√
√
√
Multiply Unsigned
Multiply the unsigned contents of the T register
(TMS320C2x/2xx) or TREG0 (TMS320C5x) by the
unsigned contents of the addressed data-memory
location; place the result in the P register.
NEG
√
√
√
Negate Accumulator
Negate
(2s
complement)
the
contents
of
the
accumulator.
NMI
√
√
Nonmaskable Interrupt
Force the program counter to the nonmaskable
interrupt vector location 24h. NMI has the same effect
as a hardware nonmaskable interrupt.
NOP
√
√
√
√
No Operation
Perform no operation.
NORM
NORM {
ind}
√
√
√
√
√
√
Normalize Contents of Accumulator
Normalize a signed number in the accumulator.
OPL [#
lk,] dma
OPL [#
lk,] {ind} [, next ARP]
√
√
OR With DBMR or Long Immediate
If a long immediate is specified, OR it with the value at
the specified data-memory location; otherwise, the
second operand of the OR operation is the contents of
the DBMR. The result is written back into the
data-memory location previously holding the first
operand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com