| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 323 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 323 Page - Texas Instruments |
|
323 / 389 page ![]() Instruction Set Comparison Table A-27 TMS320C1x/C2x/C20x/C5x Instruction Set Comparison Syntax Description 5x 2xx 2x 1x RETC[ D] cond1 [, cond2] [, ...] √ Return Conditionally With Optional Delay If the specified conditions are met, RETC performs a standard return. Not all combinations of conditions are meaningful. If you specify a delayed branch (RETCD), the next two instruction words (two 1-word instructions or one 2-word instruction) are fetched and executed before the return. RETE √ Enable Interrupts and Return From Interrupt Copy the contents of the top of the stack into the PC and pop the stack one level. RETE automatically clears the global interrupt enable bit and pops the shadow registers (stored when the interrupt was taken) back into their corresponding strategic registers. The following registers are shadowed: ACC, ACCB, PREG, ST0, ST1, PMST, ARCR, INDX, TREG0, TREG1, TREG2. RETI √ Return From Interrupt Copy the contents of the top of the stack into the PC and pop the stack one level. RETI also pops the values in the shadow registers (stored when the interrupt was taken) back into their corresponding strategic registers. The following registers are shadowed: ACC, ACCB, PREG, ST0, ST1, PMST, ARCR, INDX, TREG0, TREG1, TREG2. RFSM √ Reset Serial Port Frame Synchronization Mode Reset the FSM status bit to 0. RHM √ √ Reset Hold Mode Reset the HM status bit to 0. ROL √ √ √ Rotate Accumulator Left Rotate the accumulator left one bit. ROLB √ Rotate ACCB and Accumulator Left Rotate the ACCB and the accumulator left by one bit; this results in a 65-bit rotation. ROR √ √ √ Rotate Accumulator Right Rotate the accumulator right one bit. RORB √ Rotate ACCB and Accumulator Right Rotate the ACCB and the accumulator right one bit; this results in a 65-bit rotation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |