| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 327 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 327 Page - Texas Instruments |
|
327 / 389 page ![]() Instruction Set Comparison Table A-31 TMS320C1x/C2x/C20x/C5x Instruction Set Comparison Syntax Description 5x 2xx 2x 1x SHM √ √ Set Hold Mode Set the HM status bit to 1. SMMR dma, #lk SMMR { ind}, #lk [, next ARP] √ √ Store Memory-Mapped Register Store the memory-mapped register value, pointed at by the 7 LSBs of the data-memory address, into the long immediate addressed data-memory location. The 9 MSBs of the data-memory address of the memory-mapped register are cleared, regardless of the current value of DP or the upper 9 bits of AR(ARP). SOVM √ √ √ √ Set Overflow Mode Set the OVM status bit to 1; this enables overflow mode. (The ROVM instruction clears OVM.) SPAC √ √ √ √ Subtract P Register From Accumulator Subtract the contents of the P register from the contents of the accumulator. TMS320C2x, TMS320C20x, and TMS320C5x devices: Before the subtraction, shift the contents of the P register as specified by the PM status bits. SPH dma SPH { ind} [, next ARP] √ √ √ √ √ √ Store High P Register Store the high-order bits of the P register (shifted as specified by the PM status bits) at the addressed data-memory location. SPL dma SPL { ind} [, next ARP] √ √ √ √ √ √ Store Low P Register Store the low-order bits of the P register (shifted as specified by the PM status bits) at the addressed data-memory location. SPLK # lk, dma SPLK # lk, {ind} [, next ARP] √ √ √ Store Parallel Long Immediate Write a full 16-bit pattern into a memory location. The parallel logic unit (PLU) supports this bit manipulation independently of the ALU, so the accumulator is unaffected. SPM 2-bit constant √ √ √ Set P Register Output Shift Mode Copy a 2-bit immediate value into the PM field of ST1. This controls shifting of the P register as shown below: PM = 002 Multiplier output is not shifted. PM = 012 Multiplier output is left shifted one place and zero filled. PM = 102 Multiplier output is left shifted four places and zero filled. PM = 112 Multiplier output is right shifted six places and sign extended; the LSBs are lost. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |