Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 330 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 330 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 326Page - Texas Instruments TMS320F Datasheet HTML 327Page - Texas Instruments TMS320F Datasheet HTML 328Page - Texas Instruments TMS320F Datasheet HTML 329Page - Texas Instruments TMS320F Datasheet HTML 330Page - Texas Instruments TMS320F Datasheet HTML 331Page - Texas Instruments TMS320F Datasheet HTML 332Page - Texas Instruments TMS320F Datasheet HTML 333Page - Texas Instruments TMS320F Datasheet HTML 334Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 389 page
background image
Instruction Set Comparison Table
A-34
Syntax
Description
5x
2xx
2x
1x
SUBT
dma
SUBT {
ind} [, next ARP]
√
√
√
√
√
√
Subtract From Accumulator With Shift Specified
by T Register
Left shift the data-memory value as specified by the 4
LSBs of the T register (TMS320C2x/2xx) or TREG1
(TMS320C5x), and subtract the result from the
accumulator. If a shift is specified, left shift the
data-memory
value
before
subtracting.
During
shifting, low-order bits are zero filled, and high-order
bits are sign extended if SXM = 1.
SXF
√
√
√
Set External Flag
Set the XF pin and the XF status bit to 1.
TBLR
dma
TBLR {
ind} [, next ARP]
√
√
√
√
√
√
√
√
Table Read
Transfer a word from program memory to a
data-memory location. The program-memory address
is in the 12 (TMS320C1x) or 16 (TMS320C2x/2xx/5x)
LSBs of the accumulator.
TBLW
dma
TBLW {
ind} [, next ARP]
√
√
√
√
√
√
√
√
Table Write
Transfer
a
word
from
data-memory
to
a
program-memory location. The program-memory
address
is
in
the
12
(TMS320C1x)
or
16
(TMS320C2x/2xx/5x) LSBs of the accumulator.
TRAP
√
√
√
Software Interrupt
The TRAP instruction is a software interrupt that
transfers
program
control
to
program-memory
address 30h (TMS320C2x) or 22h (TMS320C20x/5x)
and pushes the PC + 1 onto the hardware stack. The
instruction at address 30h or 22h may contain a branch
instruction to transfer control to the TRAP routine.
Putting the PC + 1 on the stack enables an RET
instruction to pop the return PC.
XC
n, cond1 [, cond2] [, ...]
√
Execute Conditionally
Execute conditionally the next
n instruction words
where 1
≤ n ≤ 2. Not all combinations of conditions are
meaningful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com