Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 326 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 326 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 322Page - Texas Instruments TMS320F Datasheet HTML 323Page - Texas Instruments TMS320F Datasheet HTML 324Page - Texas Instruments TMS320F Datasheet HTML 325Page - Texas Instruments TMS320F Datasheet HTML 326Page - Texas Instruments TMS320F Datasheet HTML 327Page - Texas Instruments TMS320F Datasheet HTML 328Page - Texas Instruments TMS320F Datasheet HTML 329Page - Texas Instruments TMS320F Datasheet HTML 330Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 389 page
background image
Instruction Set Comparison Table
A-30
Syntax
Description
5x
2xx
2x
1x
SBBB
√
Subtract ACCB From Accumulator With Borrow
Subtract the contents of the ACCB and the logical
inversion of the carry bit from the accumulator. The
result is stored in the accumulator; the accumulator
buffer is not affected. Clear the carry bit if the result
generates a borrow.
SBLK #
lk [, shift]
√
√
√
Subtract From Accumulator Long Immediate
With Shift
Subtract the immediate value from the accumulator. If
a shift is specified, left shift the value before
subtracting. During shifting, low-order bits are zero
filled, and high-order bits are sign extended if SXM =
1.
SBRK #
k
√
√
√
Subtract From Auxiliary Register Short
Immediate
Subtract
the
8-bit
immediate
value
from
the
designated auxiliary register.
SC
√
√
√
Set Carry Bit
Set the C status bit to 1.
SETC
control bit
√
√
Set Control Bit
Set the specified control bit to a logic 1. Maskable
interrupts are disabled immediately after the SETC
instruction executes.
SFL
√
√
√
Shift Accumulator Left
Shift the contents of the accumulator left one bit.
SFLB
√
Shift ACCB and Accumulator Left
Shift the concatenation of the accumulator and the
ACCB left one bit. The LSB of the ACCB is cleared to
0, and the MSB of the ACCB is shifted into the carry bit.
SFR
√
√
√
Shift Accumulator Right
Shift the contents of the accumulator right one bit. If
SXM = 1, SFR produces an arithmetic right shift. If
SXM = 0, SFR produces a logic right shift.
SFRB
√
Shift ACCB and Accumulator Right
Shift the concatenation of the accumulator and the
ACCB right 1 bit. The LSB of the ACCB is shifted into
the carry bit. If SXM = 1, SFRB produces an arithmetic
right shift. If SXM = 0, SFRB produces a logic right shift.
SFSM
√
Set Serial Port Frame Synchronization Mode
Set the FSM status bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com