Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 331 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 331 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 327Page - Texas Instruments TMS320F Datasheet HTML 328Page - Texas Instruments TMS320F Datasheet HTML 329Page - Texas Instruments TMS320F Datasheet HTML 330Page - Texas Instruments TMS320F Datasheet HTML 331Page - Texas Instruments TMS320F Datasheet HTML 332Page - Texas Instruments TMS320F Datasheet HTML 333Page - Texas Instruments TMS320F Datasheet HTML 334Page - Texas Instruments TMS320F Datasheet HTML 335Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 389 page
background image
Instruction Set Comparison Table
A-35
TMS320C1x/C2x/C20x/C5x Instruction Set Comparison
Syntax
Description
5x
2xx
2x
1x
XOR
dma
XOR {
ind} [, next ARP]
XOR #
lk [, shift]
√
√
√
√
√
√
√
√
√
√
Exclusive-OR With Accumulator
TMS320C1x and TMS320C2x devices: Exclusive-OR
the contents of the addressed data-memory location
with 16 LSBs of the accumulator. The MSBs are not
affected.
TMS320C20x
and
TMS320C5x
devices:
Exclusive-OR
the
contents
of
the
addressed
data-memory location or a 16-bit immediate value with
the accumulator. If a shift is specified, left shift the
value before performing the exclusive-OR operation.
Low-order bits below and high-order bits above the
shifted value are treated as 0s.
XORB
√
Exclusive-OR of ACCB With Accumulator
Exclusive-OR the contents of the accumulator with the
contents of the ACCB. The results are placed in the
accumulator.
XORK #
lk [, shift]
√
√
√
Exclusive-OR Immediate With Accumulator With
Shift
Exclusive-OR a 16-bit immediate value with the
accumulator. If a shift is specified, left shift the value
before
peforming
the
exclusive-OR
operation.
Low-order bits below and high-order bits above the
shifted value are treated as 0s.
XPL [ #
lk,] dma
XPL [ #
lk ,] {ind} [, next ARP]
√
√
Exclusive-OR of Long Immediate or DBMR
With Addressed Data-Memory Value
If a long immediate value is specified, exclusive OR it
with the addressed data-memory value; otherwise,
exclusive
OR
the
DBMR
with
the
addressed
data-memory value. Write the result back to the
data-memory location. The accumulator is not
affected.
ZAC
√
√
√
√
Zero Accumulator
Clear the contents of the accumulator to 0.
ZALH
dma
ZALH {
ind} [, next ARP]
√
√
√
√
√
√
√
√
Zero Low Accumulator and Load High
Accumulator
Clear the 16 LSBs of the accumulator to 0 and load the
contents of the addressed data-memory location into
the 16 MSBs of the accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com