Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 335 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 335 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 331Page - Texas Instruments TMS320F Datasheet HTML 332Page - Texas Instruments TMS320F Datasheet HTML 333Page - Texas Instruments TMS320F Datasheet HTML 334Page - Texas Instruments TMS320F Datasheet HTML 335Page - Texas Instruments TMS320F Datasheet HTML 336Page - Texas Instruments TMS320F Datasheet HTML 337Page - Texas Instruments TMS320F Datasheet HTML 338Page - Texas Instruments TMS320F Datasheet HTML 339Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 389 page
background image
Submitting ROM Codes to TI
B-3
Submitting ROM Codes to TI
The TMS320 ROM code may be submitted in one of the following forms:
- Attachment to e–mail
- 3-1/2-in floppy: COFF format from macro-assembler/linker
When code is submitted to TI for masking, the code is reformatted to accom-
modate the TI mask-generation system. System-level verification by the cus-
tomer is, therefore, necessary to ensure the reformatting remains transparent
and does not affect the execution of the algorithm. The formatting changes
involve the removal of address-relocation information (the code address
begins at the base address of the ROM in the TMS320 device and progresses
without gaps to the last address of the ROM) and the addition of data in the
reserved locations of the ROM for device ROM test. Because these changes
have been made, a checksum comparison is not a valid means of verification.
With each masked-device order, the customer must sign a disclaimer that
states:
The units to be shipped against this order were assembled, for expe-
diency purposes, on a prototype (that is, nonproduction qualified)
manufacturing line, the reliability of which is not fully characterized.
Therefore, the anticipated inherent reliability of these prototype units
cannot be expressly defined.
and a release that states:
Any masked ROM device may be resymbolized as TI standard
product and resold as though it were an unprogrammed version of
the device, at the convenience of Texas Instruments.
The use of the ROM-protect feature does not hold for this release statement.
Additional risk and charges are involved when the ROM-protect feature is
selected. Contact the nearest TI Field Sales Office for more information on
procedures, leadtimes, and cost associated with the ROM-protect feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com