Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 337 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 337 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 333Page - Texas Instruments TMS320F Datasheet HTML 334Page - Texas Instruments TMS320F Datasheet HTML 335Page - Texas Instruments TMS320F Datasheet HTML 336Page - Texas Instruments TMS320F Datasheet HTML 337Page - Texas Instruments TMS320F Datasheet HTML 338Page - Texas Instruments TMS320F Datasheet HTML 339Page - Texas Instruments TMS320F Datasheet HTML 340Page - Texas Instruments TMS320F Datasheet HTML 341Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 389 page
background image
Designing Your Target System’s Emulator Connector (14-Pin Header)
C-2
C.1 Designing Your Target System’s Emulator Connector (14-Pin Header)
JTAG target devices support emulation through a dedicated emulation port.
This port is accessed directly by the emulator and provides emulation func-
tions that are a superset of those specified by IEEE 1149.1. To communicate
with the emulator,
your target system must have a 14-pin header (two rows of
seven pins) with the connections that are shown in Figure C–1. Table C–1
describes the emulation signals.
Although you can use other headers, the recommended unshrouded, straight
header has these DuPont connector systems part numbers:
- 65610–114
- 65611–114
- 67996–114
- 67997–114
Figure C–1. 14-Pin Header Signals and Header Dimensions
TDI
3
4
GND
TDO
7
8
GND
TMS
1
2
TRST
TCK_RET
9
10
GND
TCK
11
12
GND
Header Dimensions:
Pin-to-pin spacing, 0.100 in. (X,Y)
Pin width, 0.025-in. square post
Pin length, 0.235-in. nominal
PD (VCC)5
6
no pin (key)†
EMU0
13
14
EMU1
† While the corresponding female position on the cable connector is plugged to prevent improper
connection, the cable lead for pin 6 is present in the cable and is grounded, as shown in the
schematics and wiring diagrams in this appendix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com