Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 341 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 341 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 337Page - Texas Instruments TMS320F Datasheet HTML 338Page - Texas Instruments TMS320F Datasheet HTML 339Page - Texas Instruments TMS320F Datasheet HTML 340Page - Texas Instruments TMS320F Datasheet HTML 341Page - Texas Instruments TMS320F Datasheet HTML 342Page - Texas Instruments TMS320F Datasheet HTML 343Page - Texas Instruments TMS320F Datasheet HTML 344Page - Texas Instruments TMS320F Datasheet HTML 345Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 389 page
background image
Emulator Cable Pod Signal Timing
C-6
C.4 Emulator Cable Pod Signal Timing
Figure C–3 shows the signal timings for the emulator cable pod. Table C–2
defines the timing parameters illustrated in the figure. These timing parame-
ters are calculated from values specified in the standard data sheets for the
emulator and cable pod and are for reference only. Texas Instruments does
not test or guarantee these timings.
The emulator pod uses TCK_RET as its clock source for internal synchroni-
zation. TCK is provided as an optional target system test clock source.
Figure C–3. Emulator Cable Pod Timings
TDO
TMS, TDI
TCK_RET
6
5
4
3
2
1
Table C–2. Emulator Cable Pod Timing Parameters
No.
Parameter
Description
Min
Max
Unit
1
tc(TCK)
Cycle time, TCK_RET
35
200
ns
2tw(TCKH)
Pulse duration, TCK_RET high
15
ns
3
tw(TCKL)
Pulse duration, TCK_RET low
15
ns
4td(TMS)
Delay time, TMS or TDI valid for TCK_RET low
6
20
ns
5
tsu(TDO)
Setup time, TDO to TCK_RET high
3
ns
6
th(TDO)
Hold time, TDO from TCK_RET high
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com