Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 343 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 343 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 339Page - Texas Instruments TMS320F Datasheet HTML 340Page - Texas Instruments TMS320F Datasheet HTML 341Page - Texas Instruments TMS320F Datasheet HTML 342Page - Texas Instruments TMS320F Datasheet HTML 343Page - Texas Instruments TMS320F Datasheet HTML 344Page - Texas Instruments TMS320F Datasheet HTML 345Page - Texas Instruments TMS320F Datasheet HTML 346Page - Texas Instruments TMS320F Datasheet HTML 347Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 389 page
background image
Emulation Timing Calculations
C-8
Example C–1. Key Timing for a Single-Processor System Without Buffers
- The following example calculates key timing for a single-processor system
without buffers.
t
pd TCK_RET-TMS TDI +
t
d TMSmax ) tsu TTMS
t
TCKfactor
+
(20 ns
) 10 ns)
0.4
+ 75 ns, or 13.3 MHz
t
pd TCK_RET–TDO +
t
d TTDO ) tsu TDOmin
t
TCKfactor
+
(15 ns
) 3ns)
0.4
+ 45 ns, or 22.2 MHz
In the preceding example, the TCK_RET-to-TMS/TDI path is the limiting factor
because it requires more time to complete.
- The following example calculates key timing for a single- or multiple-pro-
cessor system with buffered input and output:
t
pd (TCK_RET-TMS TDI) +
t
d(TMSmax) ) tsu (TTMS) ) t bufskew
t
TCKfactor
+
(20 ns
) 10 ns ) 1.35 ns)
0.4
+ 78.4 ns, or 12.7 MHz
t
pd (TCK_RET–TDO) +
t
d (TTDO) ) tsu (TDOmin) ) td (bufmax)
t
TCKfactor
+ 70 ns, or 14.3 MHz
+
(15 ns
) 3ns ) 10 ns)
0.4
In the preceding example, the TCK_RET-to-TMS/TDI path is the limiting factor
becaise it requires more time to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com