Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 346 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 346 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 342Page - Texas Instruments TMS320F Datasheet HTML 343Page - Texas Instruments TMS320F Datasheet HTML 344Page - Texas Instruments TMS320F Datasheet HTML 345Page - Texas Instruments TMS320F Datasheet HTML 346Page - Texas Instruments TMS320F Datasheet HTML 347Page - Texas Instruments TMS320F Datasheet HTML 348Page - Texas Instruments TMS320F Datasheet HTML 349Page - Texas Instruments TMS320F Datasheet HTML 350Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 389 page
background image
Connections Between the Emulator and the Target System
C-11
Design Considerations for Using the XDS510 Emulator
Figure C–5. Emulator Connections With Signal Buffering
VCC
Emulator header
VCC
GND
12
10
8
6
4
5
GND
GND
GND
GND
GND
PD
TCK_RET
TCK
TDO
TDI
TMS
TRST
EMU1
EMU0
9
11
7
3
1
2
14
13
JTAG device
TCK
TDO
TDI
TMS
TRST
EMU1
EMU0
Greater than
6 inches
The EMU0 and EMU1 signals must have pullup resistors connected to VCC to
provide a signal rise time of less than 10
µs. A 4.7-kΩ resistor is suggested for
most applications.
The input buffers for TMS and TDI should have pullup resistors connected to
VCC to hold these signals at a known value when the emulator is not con-
nected. A resistor value of 4.7 k
Ω or greater is suggested.
To have high-quality signals (especially the processor TCK and the emulator
TCK_RET signals), you may have to employ special care when routing the
printed wiring board trace. You also may have to use termination resistors to
match the trace impedance. The emulator pod provides optional internal paral-
lel terminators on the TCK_RET and TDO. TMS and TDI provide fixed series
termination.
Because TRST is an asynchronous signal, it should be buffered as needed to
ensure sufficient current to all target devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com