Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 349 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 349 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 345Page - Texas Instruments TMS320F Datasheet HTML 346Page - Texas Instruments TMS320F Datasheet HTML 347Page - Texas Instruments TMS320F Datasheet HTML 348Page - Texas Instruments TMS320F Datasheet HTML 349Page - Texas Instruments TMS320F Datasheet HTML 350Page - Texas Instruments TMS320F Datasheet HTML 351Page - Texas Instruments TMS320F Datasheet HTML 352Page - Texas Instruments TMS320F Datasheet HTML 353Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 389 page
background image
Physical Dimensions for the 14-Pin Emulator Connector
C-14
C.7 Physical Dimensions for the 14-Pin Emulator Connector
The JTAG emulator target cable consists of a 3-foot section of jacketed cable
that connects to the emulator, an active cable pod, and a short section of jack-
eted cable that connects to the target system. The overall cable length is
approximately 3 feet 10 inches. Figure C–8 and Figure C–9 show the physical
dimensions for the target cable pod and short cable. The cable pod box is non-
conductive plastic with four recessed metal screws.
Figure C–8. Pod/Connector Dimensions
0.90
2.70
4.50
9.50
See Figure C–9
Emulator cable pod
Short, jacketed cable
Connector
Note:
All dimensions are in inches and are nominal dimensions, unless otherwise specified. Pin-to-pin spacing on the connec-
tor is 0.100 inches in both the X and Y planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com