Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 353 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 353 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 349Page - Texas Instruments TMS320F Datasheet HTML 350Page - Texas Instruments TMS320F Datasheet HTML 351Page - Texas Instruments TMS320F Datasheet HTML 352Page - Texas Instruments TMS320F Datasheet HTML 353Page - Texas Instruments TMS320F Datasheet HTML 354Page - Texas Instruments TMS320F Datasheet HTML 355Page - Texas Instruments TMS320F Datasheet HTML 356Page - Texas Instruments TMS320F Datasheet HTML 357Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 389 page
background image
Emulation Design Considerations
C-18
C.8.2 Emulation Timing Calculations for a Scan Path Linker (SPL)
The examples in this section help you to calculate the key emulation timings
in the SPL secondary scan path of your system. For actual target timing pa-
rameters, see the appropriate device data sheet for your target device.
The examples use the following assumptions:
tsu(TTMS)
Setup time, target TMS/TDI to TCK high
10 ns
td(TTDO)
Delay time, target TDO from TCK low
15 ns
td(bufmax)
Delay time, target buffer, maximum
10 ns
td(bufmin)
Delay time, target buffer, minimum
1 ns
t(bufskew)
Skew time, target buffer, between two
devices in the same package:
[td(bufmax) – td(bufmin)] × 0.15
1.35 ns
t(TCKfactor)
Duty cycle, TCK assume a 40/60% clock
0.4
(40%)
Also, the examples use the following values from the SPL data sheet:
td(DTMSmax)
Delay time, SPL DTMS/DTDO from TCK
low, maximum
31 ns
tsu(DTDLmin)
Setup time, DTDI to SPL TCK high,
minimum
7 ns
td(DTCKHmin) Delay time, SPL DTCK from TCK high,
minimum
2 ns
td(DTCKLmax) Delay time, SPL DTCK from TCK low,
maximum
16 ns
There are two key timing paths to consider in the emulation design:
- The TCK-to-DTMS/DTDO path, called tpd(TCK-DTMS)
- The TCK-to-DTDI path, called tpd(TCK-DTDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com