Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 356 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 356 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 352Page - Texas Instruments TMS320F Datasheet HTML 353Page - Texas Instruments TMS320F Datasheet HTML 354Page - Texas Instruments TMS320F Datasheet HTML 355Page - Texas Instruments TMS320F Datasheet HTML 356Page - Texas Instruments TMS320F Datasheet HTML 357Page - Texas Instruments TMS320F Datasheet HTML 358Page - Texas Instruments TMS320F Datasheet HTML 359Page - Texas Instruments TMS320F Datasheet HTML 360Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 389 page
background image
Emulation Design Considerations
C-21
Design Considerations for Using the XDS510 Emulator
Figure C–11. EMU0/1 Configuration to Meet Timing Requirements of Less Than 25 ns
Open-
collector
drivers
EMU0/1-IN
Backplane
Target board m
TCK
XCNT_ENABLE
To emulator EMU0
PAL
Pullup
resistor
Open-
collector
drivers
Target board 1
EMU0/1
EMU0/1-OUT
. . .
Device
Device
EMU0/1
. . .
1n
Device
Device
1n
Pullup
resistor
Pullup
resistor
Notes:
1) The low time on EMU0/1-IN must be at least one TCK cycle and less than 10
ms. Software sets the EMU0/1-OUT
pin to a high state.
2) To enable the open-collector driver and pullup resistor on EMU1 to provide rise/fall times of less than 25 ns, the modifi-
cation shown in this figure is suggested. Rise times of more than 25 ns can cause the emulator to detect false edges
during the RUNB command or when the external counter selected from the debugger analysis menu is used.
These seven important points apply to the circuitry shown in Figure C–11 and
the timing shown in Figure C–12:
- Open-collector drivers isolate each board. The EMU0/1 pins are tied
together on each board.
- At the board edge, the EMU0/1 signals are split to provide both input and
output connections. This is required to prevent the open-collector drivers
from acting as latches that can be set only once.
- The EMU0/1 signals are bused down the backplane. Pullup resistors must
be installed as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com