Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 358 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 358 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 354Page - Texas Instruments TMS320F Datasheet HTML 355Page - Texas Instruments TMS320F Datasheet HTML 356Page - Texas Instruments TMS320F Datasheet HTML 357Page - Texas Instruments TMS320F Datasheet HTML 358Page - Texas Instruments TMS320F Datasheet HTML 359Page - Texas Instruments TMS320F Datasheet HTML 360Page - Texas Instruments TMS320F Datasheet HTML 361Page - Texas Instruments TMS320F Datasheet HTML 362Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 389 page
background image
Emulation Design Considerations
C-23
Design Considerations for Using the XDS510 Emulator
Figure C–13. EMU0/1 Configuration With Additional AND Gate to Meet Timing
Requirements of Greater Than 25 ns
Open-
collector
drivers
EMU0/1-IN
Backplane
Target board m
TCK
XCNT_ENABLE
To emulator EMU0
PAL
Pullup
resistor
Open-
collector
drivers
Target board 1
EMU0/1
EMU1 signal from other boards
EMU1
AND
To emulator EMU1
Circuitry required for >25-ns rise/
fall time modification
EMU0/1-OUT
. . .
Device
Device
EMU0/1
. . .
1n
Device
Device
1n
Up to
m boards
Pullup
resistor
Pullup
resistor
Notes:
1) The low time on EMU0/1-IN must be at least one TCK cycle and less than 10
ms. Software sets the EMU0/1-OUT pin
to a high state.
2) To enable the open-collector driver and pullup resistor on EMU1 to provide rise/fall time of greater than 25 ns, the
modification shown in this figure is suggested. Rise times of more than 25 ns can cause the emulator to detect false
edges during the RUNB command or when the external counter selected from the debugger analysis menu is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com