Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 361 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 361 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 357Page - Texas Instruments TMS320F Datasheet HTML 358Page - Texas Instruments TMS320F Datasheet HTML 359Page - Texas Instruments TMS320F Datasheet HTML 360Page - Texas Instruments TMS320F Datasheet HTML 361Page - Texas Instruments TMS320F Datasheet HTML 362Page - Texas Instruments TMS320F Datasheet HTML 363Page - Texas Instruments TMS320F Datasheet HTML 364Page - Texas Instruments TMS320F Datasheet HTML 365Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 389 page
background image
D-1
Appendix A
Glossary
A
A0–A15:
Collectively, the external address bus; the 16 pins are used in par-
allel to address external data memory, program memory, or I/O space.
ACC:
See
accumulator.
ACCH:
Accumulator high word. The upper 16 bits of the accumulator. See
also
accumulator.
ACCL:
Accumulator low word. The lower 16 bits of the accumulator. See
also
accumulator.
accumulator:
A 32-bit register that stores the results of operations in the
central arithmetic logic unit (CALU) and provides an input for subsequent
CALU operations. The accumulator also performs shift and rotate opera-
tions.
address:
The location of program code or data stored in memory.
addressing mode:
A method by which an instruction interprets its operands
to acquire the data it needs. See also
direct addressing; immediate
addressing; indirect addressing.
analog-to-digital (A/D) converter:
A circuit that translates an analog signal
to a digital signal.
AR:
See
auxiliary register.
AR0–AR7:
Auxiliary registers 0 through 7. See auxiliary register.
ARAU:
See
auxiliary register arithmetic unit (ARAU).
ARB:
See
auxiliary register pointer buffer (ARB).
ARP:
See
auxiliary register pointer (ARP).
auxiliary register:
One of eight 16-bit registers (AR7–AR0) used as point-
ers to addresses in data space. The registers are operated on by the aux-
iliary register arithmetic unit (ARAU) and are selected by the auxiliary
register pointer (ARP).
Appendix D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com