Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 362 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 362 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 358Page - Texas Instruments TMS320F Datasheet HTML 359Page - Texas Instruments TMS320F Datasheet HTML 360Page - Texas Instruments TMS320F Datasheet HTML 361Page - Texas Instruments TMS320F Datasheet HTML 362Page - Texas Instruments TMS320F Datasheet HTML 363Page - Texas Instruments TMS320F Datasheet HTML 364Page - Texas Instruments TMS320F Datasheet HTML 365Page - Texas Instruments TMS320F Datasheet HTML 366Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 389 page
background image
Glossary
D-2
auxiliary register arithmetic unit (ARAU):
A 16-bit arithmetic unit used to
increment, decrement, or compare the contents of the auxiliary registers.
Its primary function is manipulating auxiliary register values for indirect
addressing.
auxiliary register pointer (ARP):
A 3-bit field in status register ST0 that
points to the current auxiliary register.
auxiliary register pointer buffer (ARB):
A 3-bit field in status register ST1
that holds the previous value of the auxiliary register pointer (ARP).
B
B0:
An on-chip block of dual-access RAM that can be configured as either
data memory or program memory, depending on the value of the CNF
bit in status register ST1.
B1:
An on-chip block of dual-access RAM available for data memory.
B2:
An on-chip block of dual-access RAM available for data memory.
BIO pin:
A general-purpose input pin that can be tested by conditional
instructions that cause a branch when an external device drives BIO low.
bit-reversed indexed addressing:
A method of indirect addressing that
allows efficient I/O operations by resequencing the data points in a
radix-2 fast Fourier transform (FFT) program. The direction of carry
propagation in the ARAU is reversed.
boot loader:
A built-in segment of code that transfers code from an external
source to a 16-bit external program destination at reset.
BR:
Bus request pin. This pin is tied to the BR signal, which is asserted when
a global data memory access is initiated.
branch:
A switching of program control to a nonsequential program-
memory address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com