Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 366 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 366 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 362Page - Texas Instruments TMS320F Datasheet HTML 363Page - Texas Instruments TMS320F Datasheet HTML 364Page - Texas Instruments TMS320F Datasheet HTML 365Page - Texas Instruments TMS320F Datasheet HTML 366Page - Texas Instruments TMS320F Datasheet HTML 367Page - Texas Instruments TMS320F Datasheet HTML 368Page - Texas Instruments TMS320F Datasheet HTML 369Page - Texas Instruments TMS320F Datasheet HTML 370Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 389 page
background image
Glossary
D-6
E
execute phase:
The fourth phase of the pipeline; the phase in which the
instruction is executed. See also
pipeline; instruction-fetch phase;
instruction-decode phase; operand-fetch phase.
external interrupt:
A hardware interrupt triggered by an external event
sending an input through an interrupt pin.
F
FIFO buffer:
First-in, first-out buffer. A portion of memory in which data is
stored and then retrieved in the same order in which it was stored. The
synchronous serial port has two four-word-deep FIFO buffers: one for its
transmit operation and one for its receive operation.
flash memory:
Electronically erasable and programmable, nonvolatile
(read-only) memory.
G
general-purpose input/output pins:
Pins that can be used to accept input
signals or send output signals. These pins are the input pin BIO, the out-
put pin XF, and the GPIO pins.
global data space:
One of the four ’C24x address spaces. The global data
space can be used to share data with other processors within a system
and can serve as additional data space. See also
local data space.
GREG:
Global memory allocation register.
A memory-mapped register
used for specifying the size of the global data memory. Addresses not
allocated by the GREG for global data memory are available for local
data memory.
H
hardware interrupt:
An interrupt triggered through physical connections
with on-chip peripherals or external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com