Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 367 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 367 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 363Page - Texas Instruments TMS320F Datasheet HTML 364Page - Texas Instruments TMS320F Datasheet HTML 365Page - Texas Instruments TMS320F Datasheet HTML 366Page - Texas Instruments TMS320F Datasheet HTML 367Page - Texas Instruments TMS320F Datasheet HTML 368Page - Texas Instruments TMS320F Datasheet HTML 369Page - Texas Instruments TMS320F Datasheet HTML 370Page - Texas Instruments TMS320F Datasheet HTML 371Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 389 page
background image
Glossary
D-7
Glossary
I
immediate addressing:
One of the methods for obtaining data values used
by an instruction; the data value is a constant embedded directly into the
instruction word; data memory is not accessed.
immediate operand/immediate value:
A constant given as an operand in
an instruction that is using immediate addressing.
IMR:
See
interrupt mask register (IMR).
indirect addressing:
One of the methods for obtaining data values used by
an instruction. When an instruction uses indirect addressing, data
memory is addressed by the current auxiliary register. See also
direct
addressing.
input clock signal:
See
CLKIN.
input shifter:
A 16- to 32-bit left barrel shifter that shifts incoming 16-bit data
from 0 to 16 positions left relative to the 32-bit output.
instruction-decode phase:
The second phase of the pipeline; the phase in
which the instruction is decoded. See also
pipeline; instruction-fetch
phase; operand-fetch phase; instruction-execute phase.
instruction-execute phase:
The fourth phase of the pipeline; the phase in
which the instruction is executed. See also
pipeline; instruction-fetch
phase; instruction-decode phase; operand-fetch phase.
instruction-fetch phase:
The first phase of the pipeline; the phase in which
the instruction is fetched from program-memory. See also
pipeline;
instruction-decode phase; operand-fetch phase; instruction-execute
phase.
instruction register (IR):
A 16-bit register that contains the instruction
being executed.
instruction word:
A 16-bit value representing all or half of an instruction. An
instruction that is fully represented by 16 bits uses one instruction word.
An instruction that must be represented by 32 bits uses two instruction
words (the second word is a constant).
internal interrupt:
A hardware interrupt caused by an on-chip peripheral.
interrupt:
A signal sent to the CPU that (when not masked or disabled)
forces the CPU into a subroutine called an interrupt service routine (ISR).
This signal can be triggered by an external device, an on-chip peripheral,
or an instruction (INTR, NMI, or TRAP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com