Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 368 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 368 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 364Page - Texas Instruments TMS320F Datasheet HTML 365Page - Texas Instruments TMS320F Datasheet HTML 366Page - Texas Instruments TMS320F Datasheet HTML 367Page - Texas Instruments TMS320F Datasheet HTML 368Page - Texas Instruments TMS320F Datasheet HTML 369Page - Texas Instruments TMS320F Datasheet HTML 370Page - Texas Instruments TMS320F Datasheet HTML 371Page - Texas Instruments TMS320F Datasheet HTML 372Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 389 page
background image
Glossary
D-8
interrupt acknowledge signal (IACK):
A signal that indicates an interrupt
has been received and that the program counter is fetching the interrupt
vector that will force the processor into the appropriate interrupt service
routine.
interrupt flag register (IFR):
A 16-bit memory-mapped register that indi-
cates pending interrupts. Read the IFR to identify pending interrupts and
write to the IFR to clear selected interrupts. Writing a 1 to any IFR flag
bit clears that bit to 0.
interrupt latency:
The delay between the time an interrupt request is made
and the time it is serviced.
interrupt mask register (IMR):
A 16-bit memory-mapped register used to
mask external and internal interrupts. Writing a 1 to any IMR bit position
enables the corresponding interrupt (when INTM = 0).
interrupt mode bit (INTM):
Bit 9 in status register ST0; either enables all
maskable interrupts that are not masked by the IMR or disables all mask-
able interrupts.
interrupt service routine (ISR):
A module of code that is executed in
response to a hardware or software interrupt.
interrupt trap:
See
interrupt service routine (ISR).
interrupt vector:
A branch instruction that leads the CPU to an interrupt
service routine (ISR).
interrupt vector location:
An address in program memory where an inter-
rupt vector resides. When an interrupt is acknowledged, the CPU
branches to the interrupt vector location and fetches the interrupt vector.
INTM bit:
See
interrupt mode bit (INTM).
I/O-mapped register:
One of the on-chip registers mapped to addresses in
I/O (input/output) space. These registers, which include the registers for
the on-chip peripherals, must be accessed with the IN and OUT instruc-
tions. See also
memory-mapped register.
IR:
See
instruction register (IR).
IS:
I/O space select pin. The ’C24x asserts IS to indicate an access to exter-
nal I/O space.
ISR:
See
interrupt service routine (ISR).
ISWS:
I/O-space wait-state bit(s). A value in the wait-state generator control
register (WSGR) that determines the number of wait states applied to
reads from and writes to off-chip I/O space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com