| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 372 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 372 Page - Texas Instruments |
|
372 / 389 page ![]() Glossary D-12 power-down mode: The mode in which the processor enters a dormant state and dissipates considerably less power than during normal opera- tion. This mode is initiated by the execution of an IDLE instruction. During a power-down mode, all internal contents are maintained so that opera- tion continues unaltered when the power-down mode is terminated. The contents of all on-chip RAM also remains unchanged. PRDB: See program read bus (PRDB). PREG: See product register (PREG). product register (PREG): A 32-bit register that holds the results of a multi- ply operation. product shifter: A 32-bit shifter that performs a 0-, 1-, or 4-bit left shift, or a 6-bit right shift of the multiplier product based on the value of the product shift mode bits (PM). product shift mode: One of four modes (no-shift, shift-left-by-one, shift-left- by-four, or shift-right-by-six) used by the product shifter. product shift mode bits (PM): Bits 0 and 1 of status register ST1; they iden- tify which of four shift modes (no-shift, left-shift-by-one, left-shift-by-four, or right-shift-by-six) will be used by the product shifter. program address bus (PAB): A 16-bit internal bus that provides the addresses for program-memory reads and writes. program-address generation logic: Logic circuitry that generates the addresses for program memory reads and writes, and an operand address in instructions that require two registers to address operands. This circuitry can generate one address per machine cycle. See also data-address generation logic. program control logic: Logic circuitry that decodes instructions, manages the pipeline, stores status of operations, and decodes conditional operations. program counter (PC): A register that indicates the location of the next instruction to be executed. program read bus (PRDB): A 16-bit internal bus that carries instruction code and immediate operands, as well as table information, from program memory to the CPU. PS: Program select pin. The ’C24x asserts PS to indicate an access to exter- nal program memory. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |