Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 373 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 373 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 369Page - Texas Instruments TMS320F Datasheet HTML 370Page - Texas Instruments TMS320F Datasheet HTML 371Page - Texas Instruments TMS320F Datasheet HTML 372Page - Texas Instruments TMS320F Datasheet HTML 373Page - Texas Instruments TMS320F Datasheet HTML 374Page - Texas Instruments TMS320F Datasheet HTML 375Page - Texas Instruments TMS320F Datasheet HTML 376Page - Texas Instruments TMS320F Datasheet HTML 377Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 389 page
background image
Glossary
D-13
Glossary
PSLWS:
Lower program-space wait-state bits. A value in the wait-state
generator control register (WSGR) that determines the number of wait
states applied to reads from and writes to off-chip lower program space
(addresses 0000h–7FFFh). See also
PSUWS.
PSUWS:
Upper program-space wait-state bits. A value in the wait-state
generator control register (WSGR) that determines the number of wait
states applied to reads from and writes to off-chip upper program space
(addresses 8000h–FFFFh). See also
PSLWS.
R
RD:
Read select pin. The ’C24x asserts RD to request a read from external
program, data, or I/O space. RD can be connected directly to the output
enable pin of an external device.
READY:
External device ready pin. Used to create wait states externally.
When this pin is driven low, the ’C24x waits one CPU cycle and then tests
READY again. After READY is driven low, the ’C24x does not continue
processing until READY is driven high.
repeat counter (RPTC):
A 16-bit register that counts the number of times
a single instruction is repeated. RPTC is loaded by an RPT instruction.
reset:
A way to bring the processor to a known state by setting the registers
and control bits to predetermined values and signaling execution to start
at address 0000h.
reset pin (RS):
A pin that causes a reset.
reset vector:
The interrupt vector for reset.
return address:
The address of the instruction to be executed when the
CPU returns from a subroutine or interrupt service routine.
RPTC:
See
repeat counter (RPTC).
RS:
Reset pin. When driven low, causes a reset on any ’C24x device.
R/W:
Read/write pin. Indicates the direction of transfer between the ’C24x
and external program, data, or I/O space.
S
SARAM:
Single-access RAM. RAM that can be accessed (read from or writ-
ten to) once in a single CPU cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com