Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 374 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 374 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 370Page - Texas Instruments TMS320F Datasheet HTML 371Page - Texas Instruments TMS320F Datasheet HTML 372Page - Texas Instruments TMS320F Datasheet HTML 373Page - Texas Instruments TMS320F Datasheet HTML 374Page - Texas Instruments TMS320F Datasheet HTML 375Page - Texas Instruments TMS320F Datasheet HTML 376Page - Texas Instruments TMS320F Datasheet HTML 377Page - Texas Instruments TMS320F Datasheet HTML 378Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 389 page
background image
Glossary
D-14
scratch-pad RAM:
Another name for DARAM block B2 in data space
(32 words).
short-immediate value:
An 8-, 9-, or 13-bit constant given as an operand
of an instruction that is using immediate addressing.
sign bit:
The MSB of a value when it is seen by the CPU to indicate the sign
(negative or positive) of the value.
sign extend:
Fill the unused high order bits of a register with copies of the
sign bit in that register.
sign-extension mode (SXM) bit:
Bit 10 of status register ST1; enables or
disables sign extension in the input shifter. It also differentiates between
logic and arithmetic shifts of the accumulator.
single-access RAM:
See
SARAM.
slave phase:
See
latch phase.
software interrupt:
An interrupt caused by the execution of an INTR, NMI,
or TRAP instruction.
software stack:
A program control feature that allows you to extend the
hardware stack into data memory with the PSHD and POPD instructions.
The stack can be directly stored and recovered from data memory, one
word at time. This feature is useful for deep subroutine nesting or protec-
tion against stack overflow.
ST0 and ST1:
See
status registers ST0 and ST1.
stack:
A block of memory reserved for storing return addresses for subrou-
tines and interrupt service routines. The ’C24x stack is 16 bits wide and
eight levels deep.
status registers ST0 and ST1:
Two 16-bit registers that contain bits for
determining processor modes, addressing pointer values, and indicating
various processor conditions and arithmetic logic results. These regis-
ters can be stored into and loaded from data memory, allowing the status
of the machine to be saved and restored for subroutines.
STRB:
External access active strobe. The ’C24x asserts STRB during ac-
cesses to external program, data, or I/O space.
SXM bit:
See
sign-extension mode bit (SXM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com