Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 378 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 378 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 374Page - Texas Instruments TMS320F Datasheet HTML 375Page - Texas Instruments TMS320F Datasheet HTML 376Page - Texas Instruments TMS320F Datasheet HTML 377Page - Texas Instruments TMS320F Datasheet HTML 378Page - Texas Instruments TMS320F Datasheet HTML 379Page - Texas Instruments TMS320F Datasheet HTML 380Page - Texas Instruments TMS320F Datasheet HTML 381Page - Texas Instruments TMS320F Datasheet HTML 382Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 389 page
background image
Index
Index-1
Index
* operand
6-10
*+ operand
6-10
*– operand
6-10
*0+ operand
6-10
*0– operand
6-10
*BR0+ operand
6-10
*BR0– operand
6-10
14-pin connector, dimensions
C-15
14-pin header
header signals
C-2
JTAG
C-2
4-level pipeline operation
5-7
A
ABS instruction
7-20
absolute value (ABS instruction)
7-20
accumulator
2-8
definition
D-1
description
4-9
shifting and storing high and low words,
diagrams
4-11
accumulator instructions
absolute value of accumulator (ABS)
7-20
add PREG to accumulator (APAC)
7-36
add PREG to accumulator and load TREG
(LTA)
7-92
add PREG to accumulator and multiply
(MPYA)
7-115
add PREG to accumulator and square specified
value (SQRA)
7-167
add PREG to accumulator, load TREG, and
move data (LTD)
7-94
add PREG to accumulator, load TREG, and
multiply (MAC)
7-101
add PREG to accumulator, load TREG, multiply,
and move data (MACD)
7-105
accumulator instructions
(continued)
add value plus carry to accumulator
(ADDC)
7-26
add value to accumulator (ADD)
7-22
add value to accumulator with shift specified by
TREG (ADDT)
7-30
add value to accumulator with sign extension
suppressed (ADDS)
7-28
AND accumulator with value (AND)
7-33
branch to location specified by accumulator
(BACC)
7-39
call subroutine at location specified by
accumulator (CALA)
7-57
complement accumulator (CMPL)
7-63
divide using accumulator (SUBC)
7-179
load accumulator (LACC)
7-71
load accumulator using shift specified by TREG
(LACT)
7-77
load accumulator with PREG (PAC)
7-133
load accumulator with PREG and load TREG
(LTP)
7-97
load high bits of accumulator with rounding
(ZALR)
7-195
load low bits and clear high bits of accumulator
(LACL)
7-74
negate accumulator (NEG)
7-121
normalize accumulator (NORM)
7-125
OR accumulator with value (OR)
7-128
pop top of stack to low accumulator bits
(POP)
7-134
push low accumulator bits onto stack
(PUSH)
7-140
rotate accumulator left by one bit (ROL)
7-143
rotate accumulator right by one bit (ROR)
7-144
shift accumulator left by one bit (SFL)
7-156
shift accumulator right by one bit (SFR)
7-157
store high byte of accumulator to data memory
(SACH)
7-147
store low byte of accumulator to data memory
(SACL)
7-149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com