Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 375 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 375 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 371Page - Texas Instruments TMS320F Datasheet HTML 372Page - Texas Instruments TMS320F Datasheet HTML 373Page - Texas Instruments TMS320F Datasheet HTML 374Page - Texas Instruments TMS320F Datasheet HTML 375Page - Texas Instruments TMS320F Datasheet HTML 376Page - Texas Instruments TMS320F Datasheet HTML 377Page - Texas Instruments TMS320F Datasheet HTML 378Page - Texas Instruments TMS320F Datasheet HTML 379Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 389 page
background image
Glossary
D-15
Glossary
T
TC bit:
Test/control flag bit.
Bit 11 of status register ST1; stores the results
of test operations done in the central arithmetic logic unit (CALU) or the
auxiliary register arithmetic unit (ARAU). The TC bit can be tested by
conditional instructions.
temporary register (TREG):
A 16-bit register that holds one of the oper-
ands for a multiply operation; the dynamic shift count for the LACT,
ADDT, and SUBT instructions; or the dynamic bit position for the BITT
instruction.
TOS:
Top of stack. Top level of the 8-level last-in, first-out hardware stack.
TREG:
See
temporary register (TREG).
TTL:
Transistor-to-transistor logic.
V
vector:
See
interrupt vector.
vector location:
See
interrupt vector location.
W
wait state:
A CLKOUT1 cycle during which the CPU waits when reading
from or writing to slower external memory.
wait-state generator:
An on-chip peripheral that generates a limited
number of wait states for a given off-chip memory space (program, data,
or I/O). Wait states are set in the wait-state generator control register
(WSGR).
WE:
Write enable pin. The ’C24x asserts WE to request a write to external
program, data, or I/O space.
WSGR:
Wait-state generator control register. This register, which is mapped
to I/O memory, controls the wait-state generator.
X
XF bit:
XF-pin status bit. Bit 4 of status register ST1 that is used to read or
change the logic level on the XF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com