| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 371 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 371 Page - Texas Instruments |
|
371 / 389 page ![]() Glossary D-11 Glossary output shifter: 32- to 16-bit barrel left shifter. Shifts the 32-bit accumulator output from 0 to 7 bits left for quantization management, and outputs either the 16-bit high or low half of the shifted 32-bit data to the data write bus (DWEB). OV bit: Overflow flag bit. Bit 12 of status register ST0; indicates whether the result of an arithmetic operation has exceeded the capacity of the accumulator. overflow (in a register): A condition in which the result of an arithmetic operation exceeds the capacity of the register used to hold that result. overflow mode: The mode in which an overflow in the accumulator causes the accumulator to be loaded with a preset value. If the overflow is in the positive direction, the accumulator is loaded with its most positive number. If the overflow is in the negative direction, the accumulator is filled with its most negative number. OVM bit: Overflow mode bit. Bit 11 of status register ST0; enables or disables overflow mode. See also overflow mode. P PAB: See program address bus (PAB). PAR: Program address register. A register that holds the address currently being driven on the program address bus for as many cycles as it takes to complete all memory operations scheduled for the current machine cycle. PC: See program counter (PC). PCB: Printed circuit board. pending interrupt: A maskable interrupt that has been successfully requested but is awaiting acknowledgement by the CPU. pipeline: A method of executing instructions in an assembly line fashion. The ’C24x pipeline has four independent phases. During a given CPU cycle, four different instructions can be active, each at a different stage of completion. See also instruction-fetch phase; instruction-decode phase; operand-fetch phase; instruction-execute phase. PLL: Phase lock loop circuit. PM bits: See product shift mode bits (PM). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |